Part Number Hot Search : 
16012 MAC15 630D103 2N5190 HCF4017 PNX7850 SR2020 CAT51
Product Description
Full Text Search
 

To Download 2SB1073 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1073
Silicon PNP epitaxial planer type
For low-frequency amplification
Unit: mm
s Features
q q q
4.50.1 1.60.2
1.50.1
1.0-0.2
+0.1
Low collector to emitter saturation voltage VCE(sat). Large peak collector current ICP. Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
2.60.1
0.4max.
45
0.40.08 0.50.08 1.50.1 3.00.15
4.0-0.20
0.40.04
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings -30 -20 -7 -7 -4 1 150 -55 ~ +150 1cm2 Unit V V V A A W C C
1:Base 2:Collector 3:Emitter
3
2
1
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
marking
EIAJ:SC-62 Mini Power Type Package
Marking symbol :
I
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE fT Cob
*1
Conditions VCB = -30V, IE = 0 VEB = -7V, IC = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -2A*2 IC = -3A, IB = -0.1A*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -20V, IE = 0, f = 1MHz
min
typ
max -100 -100
Unit nA nA V V V
-30 -20 -7 120 - 0.6 120 40
*2
315 -1 V MHz pF Pulse measurement
VCE(sat)
*1h
FE
Rank classification
Rank hFE Q 120 ~ 205 IQ R 180 ~ 315 IR
Marking Symbol
2.50.1
+0.25
1
Transistor
PC -- Ta
1.6 1200 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C 1000 -10 IB=-200A 800 -180A -160A -140A -120A -100A 400 -80A -60A 200 0.2 0 0 20 40 60 80 100 120 140 160 0 0 -2 -4 -6 -8 -10 -12 -40A -20A 0 0 - 0.4 - 0.8
2SB1073
IC -- VCE
-12 VCE=-2V
IC -- VBE
Collector power dissipation PC (W)
1.4 1.2 1.0 0.8 0.6 0.4
Collector current IC (mA)
Collector current IC (A)
-8 25C -6 Ta=75C -25C
600
-4
-2
-1.2
-1.6
-2.0
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-10 -3 -1 Ta=75C 25C IC/IB=30 Ta=25C 600
hFE -- IC
120
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=-2V IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
500
100
400 Ta=75C 300 25C -25C
80
- 0.3 - 0.1 - 0.03 -25C - 0.01
60
200
40
100
20
- 0.003 - 0.001 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1073

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X